Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24FJ32GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA Datasheet HTML 9Page - Microchip Technology PIC24FJ32GA Datasheet HTML 10Page - Microchip Technology PIC24FJ32GA Datasheet HTML 11Page - Microchip Technology PIC24FJ32GA Datasheet HTML 12Page - Microchip Technology PIC24FJ32GA Datasheet HTML 13Page - Microchip Technology PIC24FJ32GA Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 8
Preliminary
© 2008 Microchip Technology Inc.
1.1.4
EASY MIGRATION
Regardless of the memory size, all devices share the
same rich set of peripherals, allowing for a smooth
migration path as applications grow and evolve.
The consistent pinout scheme used throughout the
entire family also aids in migrating to the next larger
device. This is true when moving between devices with
the same pin count, or even jumping from 28-pin to
44-pin devices.
The PIC24F family is pin-compatible with devices in the
dsPIC33 family, and shares some compatibility with the
pinout schema for PIC18 and dsPIC30. This extends
the ability of applications to grow from the relatively
simple, to the powerful and complex, yet still selecting
a Microchip device.
1.2
Other Special Features
• Communications: The PIC24FJ64GA004 family
incorporates a range of serial communication
peripherals to handle a range of application
requirements. There are two independent I2C
modules that support both Master and Slave
modes of operation. Devices also have, through
the peripheral pin select feature, two independent
UARTs with built-in IrDA encoder/decoders and
two SPI modules.
• Peripheral Pin Select: The peripheral pin select
feature allows most digital peripherals to be
mapped over a fixed set of digital I/O pins. Users
may independently map the input and/or output of
any one of the many digital peripherals to any one
of the I/O pins.
• Parallel Master/Enhanced Parallel Slave Port:
One of the general purpose I/O ports can be
reconfigured for enhanced parallel data communi-
cations. In this mode, the port can be configured
for both master and slave operations, and
supports 8-bit and 16-bit data transfers with up to
16 external address lines in Master modes.
• Real-Time Clock/Calendar: This module
implements a full-featured clock and calendar with
alarm functions in hardware, freeing up timer
resources and program memory space for use of
the core application.
• 10-Bit A/D Converter: This module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period, as
well as faster sampling speeds.
1.3
Details on Individual Family
Members
Devices in the PIC24FJ64GA004 family are available
in 28-pin and 44-pin packages. The general block
diagram for all devices is shown in Figure 1-1.
The devices are differentiated from each other in two
ways:
1.
Flash program memory (64 Kbytes for
PIC24FJ64GA
devices,
48
Kbytes
for
PIC24FJ48GA
devices,
32
Kbytes
for
PIC24FJ32GA devices and 16 Kbytes for
PIC24FJ16GA devices).
2.
Internal SRAM memory (4k for PIC24FJ16GA
devices, 8k for all other devices in the family).
3.
Available I/O pins and ports (21 pins on 2 ports
for 28-pin devices and 35 pins on 3 ports for
44-pin devices).
All other features for devices in this family are identical.
These are summarized in Table 1-1.
A list of the pin features available on the
PIC24FJ64GA004 family devices, sorted by function, is
shown in Table 1-2. Note that this table shows the pin
location of individual peripheral features and not how
they are multiplexed on the same pin. This information
is provided in the pinout diagrams in the beginning of
the data sheet. Multiplexed features are sorted by the
priority given to a feature, with the highest priority
peripheral being listed first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com