Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ32GA Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC24FJ32GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC24FJ32GA Datasheet HTML 85Page - Microchip Technology PIC24FJ32GA Datasheet HTML 86Page - Microchip Technology PIC24FJ32GA Datasheet HTML 87Page - Microchip Technology PIC24FJ32GA Datasheet HTML 88Page - Microchip Technology PIC24FJ32GA Datasheet HTML 89Page - Microchip Technology PIC24FJ32GA Datasheet HTML 90Page - Microchip Technology PIC24FJ32GA Datasheet HTML 91Page - Microchip Technology PIC24FJ32GA Datasheet HTML 92Page - Microchip Technology PIC24FJ32GA Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 87
PIC24FJ64GA004 FAMILY
7.0
OSCILLATOR
CONFIGURATION
The oscillator system for PIC24FJ64GA004 family
devices has the following features:
• A total of four external and internal oscillator options
as clock sources, providing 11 different clock modes
• On-chip 4x PLL to boost internal operating frequency
on select internal and external oscillator sources
• Software-controllable switching between various
clock sources
• Software-controllable postscaler for selective
clocking of CPU for system power savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and permits safe application recovery
or shutdown
A simplified diagram of the oscillator system is shown
in Figure 7-1.
FIGURE 7-1:
PIC24FJ64GA004 FAMILY CLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 6. Oscillator” (DS39700).
PIC24FJ64GA004 Family
Secondary Oscillator
SOSCEN
Enable
Oscillator
SOSCO
SOSCI
Clock Source Option
for Other Modules
OSCI
OSCO
Primary Oscillator
XT, HS, EC
CPU
Peripherals
CLKDIV<10:8>
WDT, PWRT
8 MHz
FRCDIV
31 kHz (nominal)
FRC
Oscillator
LPRC
Oscillator
SOSC
LPRC
Clock Control Logic
Fail-Safe
Clock
Monitor
CLKDIV<14:12>
FRC
CLKO
(nominal)
4 x PLL
XTPLL, HSPLL
ECPLL,FRCPLL
8 MHz
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com