Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD8XXFX Datasheet(PDF) 75 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 75 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 71Page - STMicroelectronics PSD8XXFX Datasheet HTML 72Page - STMicroelectronics PSD8XXFX Datasheet HTML 73Page - STMicroelectronics PSD8XXFX Datasheet HTML 74Page - STMicroelectronics PSD8XXFX Datasheet HTML 75Page - STMicroelectronics PSD8XXFX Datasheet HTML 76Page - STMicroelectronics PSD8XXFX Datasheet HTML 77Page - STMicroelectronics PSD8XXFX Datasheet HTML 78Page - STMicroelectronics PSD8XXFX Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
75/128
16.19
Enable Out
The Enable Out register can be read by the MCU. It contains the output enable values for a
given port. A 1 indicates the driver is in output mode. A 0 indicates the driver is in tri-state
and the pin is in input mode.
16.20
Ports A and B – functionality and structure
Ports A and B have similar functionality and structure, as shown in Figure 27. The two ports
can be configured to perform one or more of the following functions:
●
MCU I/O mode
●
CPLD Output – macrocells McellAB7-McellAB0 can be connected to port A or port B.
McellBC7-McellBC0 can be connected to port B or port C.
●
CPLD input – Via the input macrocells (IMC).
●
Latched Address output – Provide latched address output as per Table 22.
●
Address In – Additional high address inputs using the input macrocells (IMC).
●
Open Drain/Slew Rate – pins PA3-PA0 and PB3-PB0 can be configured to fast slew
rate, pins PA7-PA4 and PB7-PB4 can be configured to Open Drain mode.
●
Data port – port A to D7-D0 for 8 bit non-multiplexed bus
●
Multiplexed Address/Data port for certain types of MCU bus interfaces.
●
Peripheral mode – port A only
Figure 27.
Port A and port B structure
DATA OUT
REG.
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
MACROCELL OUTPUTS
ENABLE PRODUCT TERM (.OE)
ALE
READ MUX
P
D
B
CPLD - INPUT
CONTROL REG.
DIR REG.
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT
A OR B PIN
DATA OUT
ADDRESS
A[ 7:0] OR A[15:8]
AI02887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com