Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD8XXFX Datasheet(PDF) 84 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 84 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 80Page - STMicroelectronics PSD8XXFX Datasheet HTML 81Page - STMicroelectronics PSD8XXFX Datasheet HTML 82Page - STMicroelectronics PSD8XXFX Datasheet HTML 83Page - STMicroelectronics PSD8XXFX Datasheet HTML 84Page - STMicroelectronics PSD8XXFX Datasheet HTML 85Page - STMicroelectronics PSD8XXFX Datasheet HTML 86Page - STMicroelectronics PSD8XXFX Datasheet HTML 87Page - STMicroelectronics PSD8XXFX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 128 page
background image
Power management
PSD8XXFX
84/128
Doc ID 7833 Rev 7
17.5
PSD Chip Select input (CSI, PD2)
PD2 of port D can be configured in PSDsoft Express as PSD Chip Select input (CSI). When
low, the signal selects and enables the internal Flash memory, EEPROM, SRAM, and I/O
blocks for READ or WRITE operations involving the PSD. A high on PSD Chip Select input
(CSI, PD2) disables the Flash memory, EEPROM, and SRAM, and reduces the PSD power
consumption. However, the PLD and I/O signals remain operational when PSD Chip Select
input (CSI, PD2) is high.
There may be a timing penalty when using PSD Chip Select input (CSI, PD2) depending on
the speed grade of the PSD that you are using. See the timing parameter tSLQV in Table 62
or Table 63.
17.6
Input clock
The PSD provides the option to turn off CLKIN (PD1) to the PLD to save AC power
consumption. CLKIN (PD1) is an input to the PLD AND Array and the Output macrocells
(OMC).
During Power-down mode, or, if CLKIN (PD1) is not being used as part of the PLD logic
equation, the clock should be disabled to save AC power. CLKIN (PD1) is disconnected from
the PLD AND Array or the macrocells block by setting Bits 4 or 5 to a 1 in PMMR0.
17.7
Input control signals
The PSD provides the option to turn off the input control signals (CNTL0, CNTL1, CNTL2,
Address Strobe (ALE/AS, PD0) and DBE) to the PLD to save AC power consumption. These
control signals are inputs to the PLD AND Array. During Power-down mode, or, if any of
them are not being used as part of the PLD logic equation, these control signals should be
disabled to save AC power. They are disconnected from the PLD AND Array by setting Bits
2, 3, 4, 5, and 6 to a 1 in PMMR2.
Table 33.
APD counter operation
APD Enable
bit
ALE PD
polarity
ALE level
APD counter
0
X
X
Not counting
1
X
Pulsing
Not counting
1
1
1
Counting (generates PDN after 15 clocks)
1
0
0
Counting (generates PDN after 15 clocks)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com