Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD8XXFX Datasheet(PDF) 83 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 79Page - STMicroelectronics PSD8XXFX Datasheet HTML 80Page - STMicroelectronics PSD8XXFX Datasheet HTML 81Page - STMicroelectronics PSD8XXFX Datasheet HTML 82Page - STMicroelectronics PSD8XXFX Datasheet HTML 83Page - STMicroelectronics PSD8XXFX Datasheet HTML 84Page - STMicroelectronics PSD8XXFX Datasheet HTML 85Page - STMicroelectronics PSD8XXFX Datasheet HTML 86Page - STMicroelectronics PSD8XXFX Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
PSD8XXFX
Power management
Doc ID 7833 Rev 7
83/128
Bit 4
PLD Array clk
0 =
on
CLKIN (PD1) input to the PLD AND Array is connected. Every change of CLKIN
(PD1) Powers-up the PLD when Turbo Bit is ’0.’
1 =
off
CLKIN (PD1) input to PLD AND Array is disconnected, saving power.
Bit 5
PLD MCell clk
0 =
on
CLKIN (PD1) input to the PLD macrocells is connected.
1 =
off
CLKIN (PD1) input to PLD macrocells is disconnected, saving power.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.
1.
The bits of this register are cleared to zero following Power-up. Subsequent Reset (RESET) pulses do not clear the
registers.
Table 32.
Power Management mode registers PMMR2(1)
Bit
Name
Description
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
PLD Array
CNTL0
0 = on
Cntl0 input to the PLD AND Array is connected.
1 = off
Cntl0 input to PLD AND Array is disconnected, saving power.
Bit 3
PLD Array
CNTL1
0 = on
Cntl1 input to the PLD AND Array is connected.
1 = off
Cntl1 input to PLD AND Array is disconnected, saving power.
Bit 4
PLD Array
CNTL2
0 = on
Cntl2 input to the PLD AND Array is connected.
1 = off
Cntl2 input to PLD AND Array is disconnected, saving power.
Bit 5
PLD Array
ALE
0 = on
ALE input to the PLD AND Array is connected.
1 = off
ALE input to PLD AND Array is disconnected, saving power.
Bit 6
PLD Array
DBE
0 = on
DBE input to the PLD AND Array is connected.
1 = off
DBE input to PLD AND Array is disconnected, saving power.
Bit 7
X
0
Not used, and should be set to zero.
1.
The bits of this register are cleared to zero following Power-up. Subsequent Reset (RESET) pulses do not clear the
registers.
Table 31.
Power Management mode registers PMMR0(1) (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com