Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD8XXFX Datasheet(PDF) 96 Page - STMicroelectronics

Part # PSD8XXFX
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD8XXFX Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PSD8XXFX Datasheet HTML 92Page - STMicroelectronics PSD8XXFX Datasheet HTML 93Page - STMicroelectronics PSD8XXFX Datasheet HTML 94Page - STMicroelectronics PSD8XXFX Datasheet HTML 95Page - STMicroelectronics PSD8XXFX Datasheet HTML 96Page - STMicroelectronics PSD8XXFX Datasheet HTML 97Page - STMicroelectronics PSD8XXFX Datasheet HTML 98Page - STMicroelectronics PSD8XXFX Datasheet HTML 99Page - STMicroelectronics PSD8XXFX Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
AC/DC parameters
PSD8XXFX
96/128
Doc ID 7833 Rev 7
Table 42.
AC signal letters for PLD timing(1)
1.
Example: tAVLX = time from address valid to ALE invalid.
Letter
Signal description
A
Address input
C
CEout output
D
Input data
E
E output
G
Internal WDOG_ON signal
I
Interrupt input
LALE input
N
RESET input or output
P
Port signal output
Q
Output data
RWR, UDS, LDS, DS, IORD, PSEN inputs
S
Chip Select input
TR/W input
W
Internal PDN signal
M
Output macrocell
Table 43.
AC signal behavior symbols for PLD timing(1)
1.
Example: tAVLX = time from address valid to ALE invalid.
Letter
AC signal description
tTime
L
Logic level low or ALE
H
Logic level high
VValid
X
No longer a valid logic level(2)
2.
Output Hi-Z is defined as the point where data out is no longer driven.
ZFloat
PW
Pulse width
Table 44.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com