Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C5NPD0-DS Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 60Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 61Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 62Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 63Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 64Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 65Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
64
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
JTAG Data Registers
The C-5 NP contains the standard internal registers as specified in IEEE 1149.1. These
registers are described in Table 31.
Boundary Scan Cell Types
The C-5 NP boundary scan register contains only two cell types. All input cells are observe
only cells of type BC_4. All enable and output cells are standard cells of type BC_1. In IEEE
1149.1-1990 specification, the BC_4 cell is shown in Figure 7 and the BC_1 cell is shown in
Figure 8.
Figure 7 Observe-Only Cell
Table 31 JTAG Internal Register Descriptions
REGISTER NAME
REGISTER LENGTH
DESCRIPTION
Bypass
1
Standard JTAG bypass register
Boundary
1807
Boundary Scan Register
Device Identification
32
Standard JTAG IDCODE Register
G1
0
1
1D
C1
From System Pin
To next cell
To System
Logic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com