Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C5NPD0-DS Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 81Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 82Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 83Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 84Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 87Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 88Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
AC Timing Specifications
85
V 04
Fabric Processor Timing
Specifications
The FP timing specifications are shown in Figure 22 and described in Table 50.
Figure 22 Fabric Processor Timing Diagram
FRXCLK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
FRXCTL
(output)
FRXCTL
(input)
FINn
Tfrc
Tfrco
Tfrcv
Tfrcz
Tfrcs
Tfrch
Tfrds
Tfrdh
Tftcs
Tftch
FTXCLK
FTXCTL
(output)
FTXCTL
(input)
FOUTn
Tftc
Tftco
Tftcv
Tftcz
Tftdo
Table 50 Fabric Processor Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tfrc
FRX Cycle Time
9.0
ns
Tfrcs
FRXCTL Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tfrch
FRXCTL Hold
0.5
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com