Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8151SVT1000B Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MSC8151SVT1000B Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
Electrical Characteristics
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
47
Figure 21 shows the TDM transmit signal timing.
Figure 22 provides the AC test load for the TDM/SI.
2.6.4
Timers AC Timing Specifications
Table 32 lists the timer input AC timing specifications.
Note:
For recommended operating conditions, see Table 3.
Figure 23 shows the AC test load for the timers.
Figure 21. TDM Transmit Signals
Figure 22. TDM AC Test Load
Table 32. Timers Input AC Timing Specifications
Characteristics
Symbol
Minimum
Unit
Notes
Timers inputs—minimum pulse width
TTIWID
8ns
1, 2
Notes:
1.
The maximum allowed frequency of timer outputs is 125 MHz. Configure the timer modules appropriately.
2.
Timer inputs and outputs are asynchronous to any visible clock. Timer outputs should be synchronized before use by any
external synchronous logic. Timer inputs are required to be valid for at least tTIWID ns to ensure proper operation.
Figure 23. Timer AC Test Load
TDMxTCK
TDMxTD
TDMxRCK
TDMxTFS (output)
TDMxTFS (input)
tDM
tDM_HIGH
tDM_LOW
tDMIVKH
tDM_OUTAC
tDMFSIXKH
tDMTKHOV
tDMTKHOX
tDM_OUTHI
tDMFSKHOV
tDMFSKHOX
Output
Z0 = 50 Ω
VDDIO/2
RL = 50 Ω
Output
Z0 = 50 Ω
VDDIO/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com