Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8151SVT1000B Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MSC8151SVT1000B Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Hardware Design Considerations
Freescale Semiconductor
56
3.1.4
Reset Guidelines
When a debugger is not used, implement the connection scheme shown in Figure 35.
When a debugger is used, implement the connection scheme shown in Figure 36.
3.2
PLL Power Supply Design Considerations
Each global PLL power supply must have an external RC filter for the PLLn_AVDD input (see Figure 37) in which the
following components are defined as listed:
•R = 5
Ω ± 5%
•C1 = 10 µF
± 10%, 0603, X5R, with ESL
≤ 0.5 nH, low ESL Surface Mount Capacitor.
•
C2 = 1.0 µF
± 10%, 0402, X5R, with ESL
≤ 0.5 nH, low ESL Surface Mount Capacitor.
Note:
A higher capacitance value for C2 may be used to improve the filter as long as the other C2 parameters do not change.
All three PLLs can connect to a single supply voltage source (such as a voltage regulator) as long as the external RC filter is
applied to each PLL separately. For optimal noise filtering, place the circuit as close as possible to its PLLn_AVDD inputs.
Figure 35. Reset Connection in Functional Application
Figure 36. Reset Connection in Debugger Application
On-board PORESET source
TRST
PORESET
MSC815x
(example: voltage monitor)
10
ΚΩ
On-board PORESET source
TRST
PORESET
MSC815x
(example: voltage monitor)
On-board TRST source
(example: OnCE)
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com