Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8151SVT1000B Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MSC8151SVT1000B Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 57Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 58Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 59Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Hardware Design Considerations
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
57
.
Each SerDes PLL power supply must be filtered using a circuit similar to the one shown in Figure 38, to ensure stability of the
internal clock. For maximum effectiveness, the filter circuit should be placed as closely as possible to the SRn_PLL_AVDD ball
to ensure it filters out as much noise as possible. The ground connection should be near the SRn_PLL_AVDD ball. The 0.003
μF
capacitor is closest to the ball, followed by the two 2.2
μF capacitors, and finally the 1 Ω resistor to the board supply plane. The
capacitors are connected from SRn_PLL_AVDD to the ground plane. Use ceramic chip capacitors with the highest possible
self-resonant frequency. All trances should be kept short, wide, and direct.
3.3
Clock and Timing Signal Board Layout Considerations
When laying out the system board, use the following guidelines:
•
Keep clock and timing signal paths as short as possible and route with 50
Ω impedance.
•
Use a serial termination resistor placed close to the clock buffer to minimize signal reflection. Use the following
equation to compute the resistor value:
Rterm = Rim – Rbuf
where Rim = trace characteristic impedance
Rbuf = clock buffer internal impedance.
Figure 37. PLL Supplies
Figure 38. SerDes PLL Supplies
MSC8156E
PLL0_AVDD
R
C1
C2
PLL1_AVDD
R
C1
C2
PLL2_AVDD
R
C1
C2
VDD Power Rail
(Voltage Regulator)
VSS
VSS
VSS
1
Ω
2.2
μF
2.2
μF
0.003
μF
SRn_PLL_AVDD
SRn_PLL_AGND
as short as possible
GNDSXC
VDDSXC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com