Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8151SVT1000B Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MSC8151SVT1000B
Description  Single-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8151SVT1000B Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MSC8151SVT1000B Datasheet HTML 60Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 61Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 62Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 63Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 64Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 65Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 66Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 67Page - Freescale Semiconductor, Inc MSC8151SVT1000B Datasheet HTML 68Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Package Information
MSC8151 Single-Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
65
5
Package Information
NOTES:
1.
ALL DIMENSIONS IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
3.
MAXIMUM SOLDER BALL DIAMETER MEASURE PARALLEL TO DATUM A.
4.
DATUM A, THE SEATING PLANE, IS DETERMINED BY THE SPHERICAL CROWNS OF THE SOLDER
BALLS.
5.
PARALLELISM MEASUREMENT SHALL EXCLUDE ANY EFFECT OF MARK ON TOP SURFACE OF
PACKAGE.
6.
ALL DIMENSIONS ARE SYMMETRIC ACROSS THE PACKAGE CENTER LINES, UNLESS DIMENSIONED
OTHERWISE.
7.
29.2MM MAXIMUM PACKAGE ASSEMBLY (LID + LAMINATE) X AND Y.
Figure 40. MSC8151 Mechanical Information, 783-ball FC-PBGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com