| Electronic Components Datasheet Search |
|
PCF2119RU2DB2 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119RU2DB2 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 83 page ![]() PCF2119X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 7 — 15 November 2010 25 of 83 NXP Semiconductors PCF2119x LCD controllers/drivers 9.3 CGRAM Up to 16 user defined characters may be stored in the Character Generator RAM (CGRAM). Some CGRAM characters (see Figure 22) are also used to drive icons: • 6 CGRAM characters if icons blink and both icon rows are used in the application • 3 CGRAM characters if no icons blink but both icon rows are used in the application • 0 CGRAM characters if no icons are driven by the icon rows When the icons blink option is enabled, double the number of CGRAM characters are used since both the on and off state of an icon is defined. The CGROM and CGRAM use a common address space, of which the first column is reserved for the CGRAM (see Figure 10 to Figure 15). Figure 16 shows the addressing principle for the CGRAM. (1) Character code bit 0 to bit 3 correspond to CGRAM address bit 3 to bit 6. (2) CGRAM address bit 0 to bit 2 designate the character pattern line position. The 8th line is the cursor position and display is performed by logical OR with the cursor. Data in the 8th line will appear in the cursor position. Lines are numbered from 0 to 7. (3) Character pattern column positions correspond to CGRAM data bit 0 to bit 4, as shown in Figure 10 to Figure 15. (4) As shown in Figure 10 to Figure 15, CGRAM character patterns are selected when character code bit 4 to bit 7 are all logic 0. CGRAM data = logic 1 corresponds to selection for display. (5) Only bit 0 to bit 5 of the CGRAM address are set by the Set_CGRAM command. Bit 6 can be set using the Set_DDRAM command in the valid address range or by using the auto-increment feature during CGRAM write. All bits from bit 0 to bit 6 can be read using the BF_AC instruction. Fig 16. Relationship between CGRAM addresses, data and display patterns coa072 7 6 54 321 0 654 321 0 4 32 10 higher order bits lower order bits lower order bits higher order bits lower order bits higher order bits 00 0 0 0 0 00 00 0 0 0 0 0 0 001 0 0 0 010 0 0 0 011 0 100 0 00 101 0 0 0 110 0 0 0 111 0 00 00 000 0 0 0 001 0 0 0 010 00 00 011 100 101 0 0 0 0 110 0 0 0 0 111 0 00 00 001 00 0 0 0 0 01 00 0 1 00 0 0 0 0 10 00 0 0 1 1 11 00 0 0 1 1 11 00 0 0 1 1 11 00 0 0 1 1 11 01 00 0 0 0 100 101 110 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 11 1 character codes (DDRAM data) CGRAM address character patterns (CGRAM data) 432 10 0 00 0 11 1 00 0 0 00 10 00 0 1 00 0 1 1 1 00 1 1 1 11 1 1 1 1 1 00 0 1 10 1 00 0 11 1 0 11 11 01 0 0 01 0 0 1 0 00 0 1 1 01 0 0 1 0 0 00 0 character code (CGRAM data) character pattern example 1 cursor position character pattern example 2 (4) (1) (1) (5) (2) (3) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |