Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119RU2DB2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 48Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 49Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 50Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 51Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 52Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 53Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 54Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 55Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
52 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
15. Dynamic characteristics
Table 36.
Dynamic characteristics
VDD1 = 1.5 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0 V; VLCD = 2.2 V to 6.5 V; Tamb = −40 °C to +85 °C; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clock and oscillator
ffr(LCD)
LCD frame frequency
internal clock; VDD =5.0 V
45
95
147
Hz
fosc
oscillator frequency
not available at any pin
140
250
450
kHz
fosc(ext)
external oscillator frequency
140
-
450
kHz
td(startup)(OSC)
start-up delay time on pin OSC
oscillator, after power-down
[1] -200
300
μs
Timing characteristics of parallel interface[2]
Write operation (writing data from microcontroller to PCF2119x); see Figure 35
tcy(en)
enable cycle time
500
-
-
ns
tw(en)
enable pulse width
220
-
-
ns
tsu(A)
address set-up time
50
-
-
ns
th(A)
address hold time
25
-
-
ns
tsu(D)
data input set-up time
60
-
-
ns
th(D)
data input hold time
25
-
-
ns
Read operation (reading data from PCF2119x to microcontroller); see Figure 36
tcy(en)
enable cycle time
500
-
-
ns
tw(en)
enable pulse width
220
-
-
ns
tsu(A)
address set-up time
50
-
-
ns
th(A)
address hold time
25
-
-
ns
td(DV)
data input valid delay time
VDD1 > 2.2 V
-
-
150
ns
VDD1 > 1.5 V
-
-
250
ns
th(D)
data input hold time
20
-
100
ns
Timing characteristics of I2C-bus interface[2]; see Figure 37
fSCL
SCL clock frequency
-
-
400
kHz
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tr
rise time of both SDA and SCL
signals
[1][3] 15 + 0.1 Cb -
300
ns
tf
fall time of both SDA and SCL
signals
[1][3] 15 + 0.1 Cb -
300
ns
Cb
capacitive load for each bus
line
--
400
pF
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
μs
tHD;STA
hold time (repeated) START
condition
0.6
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com