Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119RU2DB2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 6Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 7Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 8Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 9Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 10Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 11Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 12Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 13Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
10 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
8.4 LCD supply voltage generator
The LCD supply voltage may be generated on-chip. The VLCD generator is controlled by
two internal 6-bit registers: VA and VB. Register VA is programmed with the voltage for
character mode and register VB with the voltage for icon mode.
The nominal LCD operating voltage at room temperature is given by Equation 2:
(2)
Where Vx is the integer value of the register VA or VB.
It should be noted that VLCD is sometimes referred as the LCD operating voltage (Voper).
8.4.1 Programming ranges
Possible values for VA and VB are between 0 to 63.
V
LCD nom
()
V
x
0.08
1.82
+
×
=
Table 5.
Values of VA and VB and the corresponding VLCD values
All values at Tref =27 °C; allowed values are highlighted.
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
Integer values
of VA and VB
Corresponding
value of VLCD in V
0
VLCD switched off
22
3.58
44
5.34
11.90
23
3.66
45
5.42
21.98
24
3.74
46
5.50
32.06
25
3.82
47
5.58
42.14
26
3.90
48
5.66
5
2.2227
3.9849
5.74
6
2.3028
4.0650
5.82
7
2.3829
4.1451
5.90
8
2.4630
4.2252
5.98
9
2.5431
4.3053
6.06
10
2.62
32
4.38
54
6.14
11
2.70
33
4.46
55
6.22
12
2.78
34
4.54
56
6.30
13
2.86
35
4.62
57
6.38
14
2.94
36
4.70
58
6.46
15
3.02
37
4.78
59
6.54
16
3.10
38
4.86
60
6.62
17
3.18
39
4.94
61
6.70
18
3.26
40
5.02
62
6.78
19
3.34
41
5.10
63
6.86
20
3.42
42
5.18
21
3.50
43
5.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com