Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2119RU2DB2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF2119RU2DB2
Description  LCD controllers/drivers Single-chip LCD controller and driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119RU2DB2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF2119RU2DB2 Datasheet HTML 30Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 31Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 32Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 33Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 34Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 35Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 36Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 37Page - NXP Semiconductors PCF2119RU2DB2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
PCF2119X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 7 — 15 November 2010
34 of 83
NXP Semiconductors
PCF2119x
LCD controllers/drivers
Bit D: The display is on when bit D = 1 and off when bit D = 0. Display data in the DDRAM
is not affected and can be displayed immediately by setting bit D = 1.
When the display is off (bit D = 0) the chip is in partial power-down mode:
• The LCD outputs are connected to VSS
• The VLCD generator and bias generator are turned off
Three oscillator cycles are required after sending the ‘display off’ instruction to ensure all
outputs are at VSS, afterwards the oscillator can be stopped. If the oscillator is running
during partial power-down mode (‘display off’) the chip can still execute instructions. Even
lower current consumption is obtained by inhibiting the oscillator (pin OSC to VSS).
To ensure IDD <1 μA:
• the parallel bus ports DB7 to DB0 should be connected to VDD
• pins RS and R/W should be connected to VDD or left open-circuit
• pin PD should be connected to VDD
Recovery from power-down mode:
• pin PD should be connected back to VSS
• if necessary pin OSC should be connected back to VDD
• a Display_ctl instruction with bit D = 1 should be sent
Bit C: The cursor is displayed when bit C = 1 and inhibited when bit C = 0. Even if the
cursor disappears, bit I_D and bit S (see Section 10.2.2.3) remain in operation during
display data write. The cursor is displayed using 5 dots in the 8th line (see Figure 17).
Bit B: The character indicated by the cursor blinks when bit B = 1. The character blink is
displayed by switching between display characters and all dots on with a period of
approximately 1 second, with
10.2.2.5
Curs_disp_shift
f
blink
f
osc
52224
---------------
=
Table 20.
Curs_disp_shift bit description
Bit
Symbol
Value
Description
RS
-
0
see Table 10
R/W
-0
7 to 4
0001
fixed value
3SC
cursor move or display shift
0
move cursor
1
shift display
2RL
shift or move to the right or left
0
left shift or move
1
right shift or move
1 to 0
-
00
fixed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com