Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-MLEVALML1D Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-MLEVALML1D Datasheet HTML 2Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 3Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 4Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 5Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 6Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 7Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 8Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 6/17
OPERATING CONDITIONS: Logic
Operating conditions: VDD = 5 V ±10 %, Tj = -40...125 °C, unless otherwise noted
Input level low = 0...0.45 V, high = 2.4 V...VDD, timing according Fig. 4
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
Logic
I001
ts(NEN)
Setup time NEN
CLK : low → high, see Fig. 15
30
ns
I002
tp(NEN)
Delay time NENO
CLK : high → low, see Fig. 15
30
ns
I003
tp(SIG1)
Delay time SIG1
CL() = 50 pF, see Fig. 15
60
µs
I004
tp(SIG2)
Delay time SIG2
CL() = 50 pF, see Fig. 15
2
µs
I005
tp(CFGx)
Setup time at CFGx, x = 1..3
see Fig. 9
4
µs
t
V
2.0V
0.8V
2.4V
0.45V
0
1
Input/Output
Figure 4: Reference levels for delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com