Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-MLEVALML1D Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MLEVALML1D Datasheet HTML 1Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 2Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 3Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 4Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 5Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 6Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 7Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 8Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 1/17
FEATURES
o Linear Hall sensor array for magnetic pole pitch of 2.56 mm
o Non-sensitive to magnetic stray fields due to differential
measurement technique
o Interpolator with 8-bit linear resolution of 20 µm
o Linear speed up to 5 m/s
o Buffered I/O stages for signal outputs
o Configuration inputs for operating mode selection
o Analog operation modes:
- sine/cosine signals controlled to 2 Vpp
- triange or sawtooth signal with selectable amplitude
o Digital operation modes:
- A/B quadrature signals with Z index pulse
- Counter pulses for external binary counters
o Cascading of multiple iC-ML possible for chain operation
(Evaluation of independent scales x, y, z)
o Error signal output for detection of low magnetic field strength
o Additional operating modes with reduced power consumption
o Standby modus when not enabled
o Extended temperature range of -40...+125 °C
APPLICATIONS
o Analog and digital linear sensors
o Incremental linear encoders
o Pole wheel sensing
o Potentiometer replacement
o Contactless slider/switch
o Commutation of linear motor
o Absolute displacement sensing
o Liquid level meter
PACKAGES
CFG1
NEN
A
D
C
B
CFG2
CFG3
VDD
GND
TSSOP20
Die-Size
4.4 mm x 1.9 mm
BLOCK DIAGRAM
REFH
REFH
SIN
SIN
CONTROL
CONTROL
AMPLITUDE
AMPLITUDE
2
2
2
2
SIN +COS
SIN +COS
COS
COS
SIN
SIN
MODE
MODE
GAIN
GAIN
8 BIT
8 BIT
VREF
VREF
DIG/R
DIG/R
DIG
DIG
iC-ML
iC-ML
VDD
VDD
GAIN CONTROL
GAIN CONTROL
AMP
AMP
HALL SENSOR
HALL SENSOR
INTERFACE
INTERFACE
REFL
REFL
VDD
VDD
VDD
VDD
I/O
I/O
I/O
I/O
I/O
I/O
BIAS
BIAS
SELECT
SELECT
I/O
I/O
ERROR
ERROR
VPHI
VPHI
CFG2
CFG2
D
D
GND
GND
NEN
NEN
VDD
VDD
C
C
CFG1
CFG1
B
B
A
A
VDD
VDD
CFG3
CFG3
Copyright © 2009 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MLEVALML1D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
VHF MARINE TRANSCEIVER
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
ANGULAR HALL SENSOR
IC-MACHIP ICHAUS-IC-MACHIP Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MLEVALML1D

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
ANGULAR HALL SENSOR / ENCODER
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
IC-Haus GmbH
MHL200 ICHAUS-MHL200 Datasheet
613Kb / 28P
12-BIT LINEAR /ROTARY POSITION HALL ENCODER
logo
SEC Electronics Inc.
SS41F SECELECTRONICS-SS41F Datasheet
237Kb / 6P
Hall Latch Position Sensor
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS2019 SECELECTRONICS-SS2019 Datasheet
318Kb / 6P
Hall Latch Position Sensor
logo
STMicroelectronics
STEVAL-IHM028V2 STMICROELECTRONICS-STEVAL-IHM028V2 Datasheet
353Kb / 9P
Hall sensor or encoder input
22-Jul-2014
logo
IC-Haus GmbH
IC-MHL200 ICHAUS-IC-MHL200 Datasheet
1,021Kb / 33P
12-BIT LINEAR / ROTARY POSITION HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com