Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IC-MLEVALML1D Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-MLEVALML1D
Description  HALL Position Sensor / Encoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MLEVALML1D Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MLEVALML1D Datasheet HTML 4Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 5Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 6Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 7Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 8Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 9Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 10Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 11Page - IC-Haus GmbH IC-MLEVALML1D Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
iC-ML
HALL Position Sensor / Encoder
Rev A3, Page 8/17
Figure 7: Sensing of a pole wheel at the peripherie
using iC-ML
When the Vcos and Vsin signals are displayed as a
Lissajou figure, a rotating vector is defined. If the chip
is moved in positive x-direction with respect to the tape,
this vector rotates counterclockwise (mathematically
positive rotation), whereas if the tape is moved in pos-
itive x-direction (with respect to the chip), the vector
rotates clockwise (mathematically negative rotation).
Figure 8: Signal outputs Vsin und Vcos
Programming the configuration
iC-ML has 28 modes of operation (see tables on the
following pages). After the device has been switched
on or "woken up" from standby mode by a low sig-
nal at pin NEN the levels at the configuration inputs
CFG1 to CFG3 are assessed. These three-level in-
puts can be connected to GND (low ), left open (open)
or connected to VDD (high). For correct identification,
a setup time of at least tp(CFGx) = 4 µs must be main-
tained between programming the configuration and ac-
tivating the device. While the device is active changes
in signal at the configuration inputs are ignored.
If several iC-MLs are connected in series in chain op-
eration (see the description of functions on page 12)
it must be ensured that the NEN input of the devices
is switched to low during the various clock cycles and
that the programming default does thus not lie within
the active phase of the devices.
In standby all ports are switched to tristate, i.e. high
impedance. Only in chain operation modes port D is
active high so that the devices arranged further behind
can also be deactivated.
VDD
4V
td(VDD)on
tp(CFGx)
tp(CFGx)
NEN
CFGx
iC-ML active
iC-ML active
Figure 9: Programming the configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com