Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5643L Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_11 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
86
tlpll
D FMPLL lock time 6, 7
—
—
—
200
s
tdc
D Duty cycle of reference
—40
—
60
%
CJITTER
T CLKOUT period jitter8,9,10,11
Long-term jitter (avg. over 2 ms
interval), fSYS maximum
–6
—
6
ns
t
PKJIT
T Single period jitter (peak to peak) PHI @ 120 MHz,
Input clock @ 4 MHz
—
—
175
ps
PHI @ 100 MHz,
Input clock @ 4 MHz
—
—
185
ps
PHI @ 80 MHz,
Input clock @ 4 MHz
—
—
200
ps
t
LTJIT
T Long term jitter
PHI @ 16 MHz,
Input clock @ 4 MHz
——
±6
ns
fLCK
D Frequency LOCK range
—
–6
—
6
%
fsys
fUL
D Frequency un-LOCK range
—
–18
—
18
%
fsys
fCS
fDS
D Modulation Depth
Center spread
±0.25
—
±2.012
%
fsys
Down Spread
–0.5
—
-8.0
fMOD
D Modulation frequency13
—
—
—
100
kHz
1 Considering operation with FMPLL not bypassed.
2 With FM; the value does not include a possible +2% modulation
3 “Loss of Reference Frequency” window is the reference frequency range outside of which the FMPLL is in self
clocked mode.
4 Self clocked mode frequency is the frequency that the FMPLL operates at when the reference frequency falls
outside the fLOR window.
5 f
VCO is the frequency at the output of the VCO; its range is 256–512 MHz.
fSCM is the self-clocked mode frequency (free running frequency); its range is 20–150 MHz.
fSYS =fVCOODF
6 This value is determined by the crystal manufacturer and board design. For 4 MHz to 20 MHz crystals specified for
this FMPLL, load capacitors should not exceed these limits.
7 This specification applies to the period required for the FMPLL to relock after changing the MFD frequency control
bits in the synthesizer control register (SYNCR).
8 This value is determined by the crystal manufacturer and board design.
9 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum
fSYS. Measurements are made with the device powered by filtered supplies and clocked by a stable external clock
signal. Noise injected into the FMPLL circuitry via VDDPLL and VSSPLL and variation in crystal oscillator frequency
increase the CJITTER percentage for a given interval.
10 Proper PC board layout procedures must be followed to achieve specifications.
11 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
JITTER and
either fCS or fDS (depending on whether center spread or down spread modulation is enabled).
12 This value is true when operating at frequencies above 60 MHz, otherwise f
CS is 2% (above 64 MHz).
13 Modulation depth is attenuated from depth setting when operating at modulation frequencies above 50 kHz.
Table 21. FMPLL electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com