Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5643L Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC5643L
Description  High-performance e200z4d dual core
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5643L Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC5643L_11 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5643L_11 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 124 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 6
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
99
3.19.4
Reset sequence — start condition
The impact of the voltage thresholds on the starting point of the internal reset sequence are becoming important if the voltage
rails / signals ramp up with a very slow slew rate compared to the overall reset sequence duration.
3.19.4.1
Destructive reset
Figure 17 shows the voltage threshold that determines the start of the Destructive Reset Sequence, BIST enabled and the start
for the Destructive Reset Sequence, BIST disabled.
Figure 17. Reset sequence start for Destructive Resets
3.19.4.2
External reset via RESET
Figure 18 shows the voltage thresholds that determine the start of the reset sequences initiated by the assertion of RESET as
specified in Table 30.
Table 31. Voltage Thresholds
Variable name
Value
Vmin
Refer to Table 16
Vmax
Refer to Table 16
Supply Rail
VDD_HV_PMU
TReset, max starts here
TReset, min starts here
Supply Rail
Vmax
t
V
Vmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com