Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602DPB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Application example
Freescale Semiconductor
24
4
Application example
The MPC5602D is designed to address central body, vehicle body controllers, smart junction box and front
module applications, and to support sensorless motor control with ripple counting within the vehicle. As
shown in the following example, the MCU is central to the application and provides the flexibility to add
or remove peripheral components in a modular design.
4.1
Body controller application example
Body controller modules primarily control the following:
•
Comfort features—doors, seats, interior lighting
•
Security/access features—passive entry, immobilizer, Tire-pressure monitoring system (TPMS)
•
Lighting—headlights, brake lights, turn lights
•
Centralized diagnostic and network management
•
Vehicle communications network routing— Controller Area Network (CAN)
Figure 2 shows the MPC5602D used in a typical body controller application.
Figure 2. Body controller application example
5
Developer environment
The MPC5602D MCU family is supported by tools and third-party developers similar to those supporting
Freescale MPC5500 products, offering a widespread, established network of tools and software vendors.
The following development support is available:
•
Automotive evaluation boards (EVB) featuring CAN, LIN interfaces, and more
CAN
CAN
Battery monitoring,
Digital outputs
Digital inputs (including
ADC
SCI
LIN
LS CAN body
HS CAN powertrain
HS CAN diagnostic
Power seat
Steering column
Rain sensor and sunroof control
LIN
and misc. sensors
input capture signals)
RF receiver
(eg PWM,GPIO)
Analog Inputs
Diagnostic
SPI
SPI
CAN
Switch panel and
digital sensors
Direct loads
(cabin lighting, locks
power latch pumps,..)
Advanced corner
lighting
Window lift
Timed
I/O
Park distance
control
ADC
Smart power
(lighting...)
MPC5601/2Dx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com