Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5602DPB Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5602DPB
Description  MPC5602D Microcontroller Product Brief
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5602DPB Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5602DPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5602DPB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MPC5602D Microcontroller Product Brief, Rev. 3.1
Preliminary—Subject to Change Without Notice
Device family overview
Freescale Semiconductor
8
Frequency modulated phase-locked loop
-40 to 125 °C ambient operating temperature range1
1. Assuming that the absolute maximum of 150 °C junction temperature is respected
Table 3. Operating mode summary1
NOTES:
1 Table key:
APD: Analog power-down
BAM: Boot Assist Module Software and Hardware used for device startup and configuration
CG: Clock Gated, Powered but clock stopped
FP: VREG Full Performance mode
LP: VREG Low Power mode, reduced output capability of VREG but lower power consumption
Off: Powered off and clock gated
On: Powered and clocked
OP: Optionally configurable to be enabled or disabled (clock gated)
POR: Power-on reset
Var: Variable duration, based on the required reconfiguration and execution clock speed configuration
SOC features
Clock sources
Wakeup time2
2 A high level summary of some key durations that need to be considered when recovering from low power modes.
This does not account for all durations at wakeup. Other delays will be necessary to consider including, but not
limited to the external supply startup time.
IRC wakeup time must not be added to the overall wakeup time as it starts in parallel with the VREG.
All other wakeup times must be added to determine the total startup time. For example, out of STANDBY, if Flash
is needed, the total wakeup time will be 120 µs.
RUN
On
OP
OP
On
OP On OP On —
— FP
HALT
CG
OP
OP
On
OP On OP On OP OP FP
— TBD3
3 TBD: To be defined
STOP
CG
OP APD
On
CG OP OP On OP OP LP
25 µs 8 µs >125 µs 8 ms 200 µs — 33 µs
Off
Off
Off
16 KB4
4 16 KB of SRAM content retained but not accessible in STANDBY mode
Off OP Off OP OP OP LP
25 µs 8 µs >125 µs 8 ms 200 µs Var 33 µs
POR
— 250 µs 8 µs >125 µs 8 ms 200 µs —
BAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com