| Electronic Components Datasheet Search |
|
MPC5602DPB Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602DPB Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 27 page ![]() MPC5602D Microcontroller Product Brief, Rev. 3.1 Preliminary—Subject to Change Without Notice Device family overview Freescale Semiconductor 20 • 0–VDD common mode conversion range • Conversions times of < 2 µs available1 • Up to 33 single ended inputs channels, expandable to 61 channels with external multiplexers • Internally multiplexed channels — up to 33 channels of which 16 high-accuracy — Dedicated result register available for every internally muxed channel • Externally multiplexed channels — Internal control to support generation of external analog multiplexor selection — 4 internal channels optionally used to support externally multiplexed inputs, providing transparent control for additional ADC channels — Each of the 4 channels supports up to 8 externally muxed inputs — Individual dedicated result register also available for externally muxed conversion channels — 3 independently configurable sample and conversion times for high occurrence channels, internally muxed channels and externally muxed channels • Support for one-shot, scan and injection conversion modes • Independently configurable sampling duration for each type of channel • Conversion triggering support — Internal conversion triggering from periodic interrupt timer (PIT) or timed I/O module (eMIOS) through cross triggering unit (CTU) — Internal conversion triggering from periodic interrupt timer (PIT) — 1 input pin configurable as external conversion trigger source • Up to 6 configurable analog comparator channels offering range comparison with triggered alarm — Greater than —Less than — Out of range • All unused analog pins available as general purpose input pins • Unused 12-bit ADC analog pins, with the exception of the 16 dedicated high accuracy channels, available as general purpose output pins • Power-down mode • Supports DMA transfer of results based on end of conversion chain or each conversion • Separate dedicated DMA request for injection mode 3.5.16 Enhanced Direct Memory Access Controller (eDMA) The following summarizes the MPC5602D’s implementation of the eDMA controller: • 16 channels to support independent 8-, 16-, or 32-bit single value or block transfers • Support of variable sized queues and circular queues 1. Please refer to the data sheet for up-to-date values on current consumption. This value is only estimates and has not been validated. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |