Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTS6480SF Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 38Page - Infineon Technologies AG BTS6480SF Datasheet HTML 39Page - Infineon Technologies AG BTS6480SF Datasheet HTML 40Page - Infineon Technologies AG BTS6480SF Datasheet HTML 41Page - Infineon Technologies AG BTS6480SF Datasheet HTML 42Page - Infineon Technologies AG BTS6480SF Datasheet HTML 43Page - Infineon Technologies AG BTS6480SF Datasheet HTML 44Page - Infineon Technologies AG BTS6480SF Datasheet HTML 45Page - Infineon Technologies AG BTS6480SF Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Data Sheet
42
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Protection Functions
8.9
Electrical Characteristics
Electrical Characteristics Protection Functions
Unless otherwise specified:
V
BB = 8 V to 17 V, VDD = 3.0 V to 5.5 V, Tj = -40 °C to +150 °C
typical values:
V
BB = 13.5 V, VDD = 4.3 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.
Over Load Protection
8.9.1 Load current trip level
I
L(trip)
A
V
DS < 7 V
channel 0, 1
71
–
67
–
90
–
120
–
100
T
j = -40 °C
1) T
j = 25 °C
T
j = 150 °C
channel 2, 3
29
–
23
–
30
–
44
–
39
HWCR.LEDn = 0
T
j = -40 °C
1) T
j = 25 °C
T
j = 150 °C
7
–
5.5
–
8.5
–
12
–
11
HWCR.LEDn = 1
T
j = -40 °C
1) T
j = 25 °C
T
j = 150 °C
Over Current Protection
8.9.2 Over current tripping activation time
t
delay(trip)
7–
14
ms
1)
8.9.3 Load current trip level after
t
delay(trip)
I
L(Itrip)
A
channel 0, 1
40
35
–
–
78
70
T
j = -40 °C
T
j = 150 °C
channel 2, 3
17
15.5
–
–
35
30
HWCR.LEDn = 0
T
j = -40 °C
T
j = 150 °C
3.8
3.8
–
–
9
8
HWCR.LEDn = 1
T
j = -40 °C
T
j = 150 °C
8.9.4 Load current trip level at high
V
DS
I
L(Vtrip)
A
1)
channel 0, 1
40
35
–
–
78
70
T
j = -40 °C
T
j = 150 °C
channel 2, 3
17
15.5
–
–
35
30
HWCR.LEDn = 0
T
j = -40 °C
T
j = 150 °C
3.8
3.8
–
–
9
8
HWCR.LEDn = 1
T
j = -40 °C
T
j = 150 °C
8.9.5 Over current tripping at high
V
DS
activation level
V
DS(Vtrip)
15
––V
1)
8.9.6 Current trip at
V
DS = 7 V to current trip at
V
DS = 20 V ratio
∆kTR
1.2
1.5
–
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com