Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTS6480SF Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 42Page - Infineon Technologies AG BTS6480SF Datasheet HTML 43Page - Infineon Technologies AG BTS6480SF Datasheet HTML 44Page - Infineon Technologies AG BTS6480SF Datasheet HTML 45Page - Infineon Technologies AG BTS6480SF Datasheet HTML 46Page - Infineon Technologies AG BTS6480SF Datasheet HTML 47Page - Infineon Technologies AG BTS6480SF Datasheet HTML 48Page - Infineon Technologies AG BTS6480SF Datasheet HTML 49Page - Infineon Technologies AG BTS6480SF Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Data Sheet
46
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Diagnosis
For diagnosis feedback at different operation modes, please see following table.
9.1
Diagnosis Word at SPI
The standard diagnosis at the SPI interface provides information about each channel. The error flags, an OR
combination of the over temperature flags and the over load monitoring signals are provided in the SPI standard
diagnosis bits ERRn.
The over load monitoring signals are latched in the error flags and cleared each time the standard diagnosis is
transmitted via SPI. In detail, they are cleared between the second and third raising edge of the SCLK signal.
The over temperature flags, which cause an overheated channel to latch off, are latched directly at the gate control
block. The over current flags, which cause an channel 0 or 1 driving a too high current to switch off, are latched
like the over temperature flags. Those latches are cleared by SPI command HWCR.CL.
Please note: The over temperature and over current information is latched twice. When transmitting a clear latch
command (HWCR.CL), the error flag is cleared during command transmission of the next SPI frame and ready for
latching after the third raising edge of the SCLK signal. As a result, the first standard diagnosis information after a
CL
command will indicate a failure mode at the previously affected channels although the thermal latches have
been cleared already. In case of continuous over load, the error flags are set again immediately because of the
over load monitoring signal.
9.2
Load Current Sense Diagnosis
There is a current sense signal available at pin IS which provides a current proportional to the load current of one
selected channel. The selection is done by a multiplexer which is configured via SPI.
Table 6
Operation Modes 1)
1) L = low level, H = high level, Z = high impedance, potential depends on leakage currents and external circuit x = undefined
Operation Mode
Input Level
OUT.OUTn
Output
Level VOUT
Current
Sense IIS
Error Flag
ERRn
2)
2) The error flags are latched until they are transmitted in the standard diagnosis word via SPI
SBM
DCR.SBM
Normal Operation (OFF)
L / 0
(OFF-state)
GND
Z
0
1
Short Circuit to GND
GND
Z
0
1
Thermal shut down
Z
Z
0
x
Short Circuit to VBB
VBB
Z
0
0
Open Load
Z
Z
0
03)
3) If the current sense multiplexer is set to Channel 0 to 3 and DRC.CSOL bit set
Inverse Current
> VBB
Z
0
04)
4) If the current sense multiplexer is set to Channel 0 to 3
Normal Operation (ON)
H / 1
(ON-state)
~
VBB
IL / kILIS
00
Short Circuit to GND
~ GND
Z
1
1
Dynamic Temperature Sensor shut down
Z
Z
1
x
Over Current shut down
Z
Z
15)
5) The over current latch off flag is set latched and can be cleared by SPI command HWCR.CL
x
Thermal shut down
Z
Z
16)
6) The over temperature flag is set latched and can be cleared by SPI command HWCR.CL
x
Short Circuit to VBB
VBB
< IL / kILIS
00
Open Load
VBB
Z0
0
Inverse Current
> VBB
Z0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com