Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTS6480SF Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 53Page - Infineon Technologies AG BTS6480SF Datasheet HTML 54Page - Infineon Technologies AG BTS6480SF Datasheet HTML 55Page - Infineon Technologies AG BTS6480SF Datasheet HTML 56Page - Infineon Technologies AG BTS6480SF Datasheet HTML 57Page - Infineon Technologies AG BTS6480SF Datasheet HTML 58Page - Infineon Technologies AG BTS6480SF Datasheet HTML 59Page - Infineon Technologies AG BTS6480SF Datasheet HTML 60Page - Infineon Technologies AG BTS6480SF Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
SPOC - BTS6480SF
Diagnosis
Data Sheet
57
Rev. 1.0, 2010-04-12
Field
Bits
Type
Description
CSOL
3
w
Current Source Switch for Open Load Detection
0
OFF
1ON
AMUX
4
rw
Automatic Current Sense Multiplexer Switching during Automatic
PWM Generation
0
OFF
1ON
CHCRn
Channel Configuration Register
W/R
RB
ADDR
987
654
3210
r/w
1
11x
x
0
0
0
PHSn
SYDELn
FREQn
Field
Bits
Type
Description
SYDELn
n = 0 to 5
3:2
rw
Delay of Current Sense Synchronization Signal for Channel n
00
No synchronization signal delay
01
Synchronization signal delay 1: 8 / (
f
PCLK (or fINT))
10
Synchronization signal delay 2: 16 / (
f
PCLK (or fINT))
11
Synchronization signal delay 3: 24 / (
f
PCLK (or fINT))
Standard Diagnosis
CS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TER
0
LHI
SBM
x
CLE
x
x
x
x
x
x
x
ERR3 ERR2 ERR1 ERR0
Field
Bits
Type
Description
ERRn
n = 3 to 0
nr
Error flag Channel n
0
normal operation
1
failure mode occurred
SBM
13
r
Switch Bypass Monitor 1)
0
VDS < VDS(SB)
1
VDS > VDS(SB)
1) Invalid in stand-by mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com