Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTS6480SF Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG BTS6480SF Datasheet HTML 66Page - Infineon Technologies AG BTS6480SF Datasheet HTML 67Page - Infineon Technologies AG BTS6480SF Datasheet HTML 68Page - Infineon Technologies AG BTS6480SF Datasheet HTML 69Page - Infineon Technologies AG BTS6480SF Datasheet HTML 70Page - Infineon Technologies AG BTS6480SF Datasheet HTML 71Page - Infineon Technologies AG BTS6480SF Datasheet HTML 72Page - Infineon Technologies AG BTS6480SF Datasheet HTML 73Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Data Sheet
70
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Application Description
11
Application Description
Figure 30
Application Circuit Example
1
SPI
VBB
OUT3
OUT2
OUT1
OUT0
65W
65W
27W
10W
PRO FET
Ch1
IN 1
IN2
OUT1
ISSY
SO
SCLK
SI
CS
GND
EDD1
EDD0
EDO0
EDO1
VB B
PRO FET
Ch2
DSEL
GND
OUT2
VDD
GND
Circuit_PW M_EXT.emf
VDD
100nF
µC
e. g. X C2267
VSS
VCC
V bat
AD
3.9k
Ω
3.9k
Ω
5V
500
Ω
2.7k
Ω
1k
Ω
1nF
SPI
DE N
PWM
generator
PCLK
3.9k
Ω
GPIO
ext.
driver
cont.
3.9k
Ω
3.9k
Ω
8k
Ω
8k
Ω
GPIO
GPIO
IN2
IN3
IN1
WD-OUT
LHI
WD-OUT
8k
Ω
IS
3.9k
Ω
GPIO
10
Ω
2
68nF
IS
1 For filtering and protection purposes
2 For increased ISO-pulse robustness
10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com