Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC976LP3E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC976LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9
9 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Output Load Switched OFF to ON [1]
Supply Turn-On Transient [2]
Output Load Switched ON to OFF [1]
Supply Turn-Off Transient [2]
HMC976LP3E Output Noise Spectral
Density vs. Commercial PSU [1]
4.88
4.92
4.96
5.00
5.04
5.08
0
100
200
300
400
500
-5
0
5
10
15
20
25
30
35
40
45
TIME (ms)
CURRENT
VR Output
4.88
4.92
4.96
5.00
5.04
5.08
0
100
200
300
400
500
-5
0
5
10
15
20
25
30
35
40
45
TIME (ms)
CURRENT
VR Output
0.00
0.500
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0.00
0.500
1.00
1.50
2.00
2.50
3.00
3.50
4.00
-50
0
50
100
150
200
250
300
350
400
450
TIME (ms)
VR Output
ENA
0.00
0.500
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0.00
0.500
1.00
1.50
2.00
2.50
3.00
3.50
4.00
-0.200
0.00
0.200
0.400
0.600
0.800
TIME (s)
VR Output
ENA
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
Commercial PSU Output
Input to regulator
HMC976LP3E Output
4.950
4.970
4.990
5.010
5.030
5.050
0
50
100
150
200
250
300
350
400
LOAD CURRENT mA
Vout vs. Load current[1]
[1] VDD=5.5V, 400mA Load “HMC976LP3E 5V User Application Schematic”.
[2] VDD=5.0V, 400mA Load “HMC976LP3E 3.3V User Application Schematic”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com