Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC976LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC976LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9
9 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Vout=5V Output Noise Spectral Density [1]
Vout and Vref vs. Temperature [1]
Vout=3.3V Output Noise Spectral Density [2]
Vout=3.3V PSRR vs. Vin-Vout [2]
Vout vs. Vin vs. Temperature [1]
Vout 4.8V PSRR vs. Vin-Vout [3]
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
C3=1uF
C2=1uF
C3=1uF
C2=10uF
C3=4.7uF
C2 =4.7uF
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
C3=4.7uF
C2=4.7uF
C3=4.7uF
C2=10uF
4.950
4.955
4.960
4.965
4.970
4.975
1.150
1.155
1.160
1.165
1.170
1.175
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VREF
VR
4.40
4.50
4.60
4.70
4.80
4.90
5.00
0
0.1
0.2
0.3
0.4
0.5
0.6
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
25C
85C
-40
INPUT VOLTAGE (V)
-80
-70
-60
-50
-40
-30
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
VIN-VOUT=0.4V
VIN-VOUT=0.6V
VIN-VOUT=0.8V
-90
-80
-70
-60
-50
-40
-30
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
VIN-VOUT=0.25V
VIN-VOUT=0.5V
VIN-VOUT=0.8V
VIN-VOUT=1.0V
VIN-VOUT=1.7V
[1] VDD=5.5V,400mA Load see “HMC976LP3E 5V User Application Schematic”.
[2] VDD=5.0V,400mA Load see “HMC976LP3E 3.3V User Application Schematic”.
[3] VDD=5.5V,400mA Load see “HMC976LP3E 4.8V User Application Schematic”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com