Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC976LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC976LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9
9 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Evaluation PCB
Item
Contents
Part Number
Evaluation PCB
HM976LP3E Evaluation PCB
131671-HMC976LP3E
Table 5. Ordering Information
Item
Contents
J1
PCB Mount SMA connector
J3
3 Pin Header
JP4, JP6, JP7, JP8,
2 Pin Header and Jumper
C10, C12, C21
4.7µF Capacitor 0603 Pkg.
C11
0.1µF Capacitor 0402 Pkg.
R13
0.2 Ohm Resistor 0402 Pkg.
R3
1 Ohm Resistor 0402 Pkg.
R8
100 kOhm Resistor 0402 Pkg.
TP1, TP3
Test Point PC Compact Red
TP2
Test Point PC Compact Black
U1
HMC976LP3E 400mA Low Noise, High PSRR
Linear Voltage Regulator
PCB
131669 Eval Board
Table 6. List of Materials for Evaluation PCB 131671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com