Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC976LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC976LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Table 1. Electrical Specifications (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Range VR
Set by external resistors.
1.8
5.1
V
Reference Voltage VREF
Vdd = 5.5V; REF cannot source/sink
external current
1.17
V
Output Current VR [1]
TA = -40°C to +85°C
400
mA
Output Noise Spectral Density
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Vdd = 5.5V; VR = 5.0V
Measured on Application Schematic [3]
Maximum Load Current
4000
120
6
3
3
nV/rtHz
Integrated Output Noise 100 Hz to 100 kHz
Vdd = 5.5V; VR = 5.0V [3]
1.5
µVrms
Load Regulation, VR
Vdd = 5.5V; VR=5.0V
0.01
% / mA
PSRR
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
50 MHz
Vdd = 5.5V; VR=5.0V
Maximum load current
-70
-65
-45
-35
-30
-20
dB
Output Voltage Variation vs. Package
Base Temperature
25°C to 85°C
-40°C to 25°C
Vdd = 5.5V; VR=5.0V
Maximum load current
0.005
0.005
0.01
0.01
% / °C
% / °C
Current Consumption (IGND)
Ven = Vdd = 5.5V;
Maximum Load Current
1.1
1.5
mA
Power Down Current
Vdd = 5.5V; EN = Low; Output is float-
ing (high - impedance) in Power-Down
mode
1
µA
Start-Up Transient Time
0 to 90% of final voltage
Vdd = 5.5V[3]
200
ms
Enable Input EN High Level
Vdd>=VEN
2
Vdd
V
Enable Input EN Low Level
Vdd>=VEN
0
0.8
V
Output Load Capacitance [2]
To guarantee stability, noise and PSRR
performance [3]
4.7
µF
Thermal Protection Threshold Junction
Temperature
115
°C
Thermal Protection Hysteresis
10
°C
[1] The regulator does not include short-circuit protection circuitry. The outputs will withstand short-circuit conditions for a duration <10s.
[2] HMC976LP3E was designed to work with low ESR ceramic capacitors connected to pin 4 VRX.
[3] See HMC976LP3E 5.0V User Application Schematic herein



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com