Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM3130-G Datasheet(PDF) 14 Page - Ramtron International Corporation

Part # FM3130-G
Description  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130-G Datasheet(HTML) 14 Page - Ramtron International Corporation

Back Button FM3130-G Datasheet HTML 10Page - Ramtron International Corporation FM3130-G Datasheet HTML 11Page - Ramtron International Corporation FM3130-G Datasheet HTML 12Page - Ramtron International Corporation FM3130-G Datasheet HTML 13Page - Ramtron International Corporation FM3130-G Datasheet HTML 14Page - Ramtron International Corporation FM3130-G Datasheet HTML 15Page - Ramtron International Corporation FM3130-G Datasheet HTML 16Page - Ramtron International Corporation FM3130-G Datasheet HTML 17Page - Ramtron International Corporation FM3130-G Datasheet HTML 18Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 14 of 22
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM3130
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Figure 7. Single Byte Memory Write
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM3130
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Data Byte
A
Figure 8. Multiple Byte Memory Write
Memory Read Operation
There are two types of memory read operations. They
are current address read and selective address read. In
a current address read, the FM3130 uses the internal
address latch to supply the address. In a selective
read, the user performs a procedure to first set the
address to a specific value.
Current Address & Sequential Read
As mentioned above the FM3130 uses an internal
latch to supply the address for a read operation. A
current address read uses the existing value in the
address latch as a starting place for the read
operation. The system reads from the address
immediately following that of the last operation.
To perform a current address read, the bus master
supplies a slave address with the LSB set to 1. This
indicates that a read operation is requested. After
receiving the complete device address, the FM3130
will begin shifting data out from the current address
on the next clock. The current address is the value
held in the internal address latch.
Beginning with the current address, the bus master
can read any number of bytes. Thus, a sequential read
is simply a current address read with multiple byte
transfers. After each byte the internal address counter
will be incremented.
Each time the bus master acknowledges a byte,
this indicates that the FM3130 should read out
the next sequential byte.
There are four ways to terminate a read operation.
Failing to properly terminate the read will most likely
create a bus contention as the FM3130 attempts to
read out additional data onto the bus. The four valid
methods follow.
1.
The bus master issues a NACK in the 9
th clock
cycle and a Stop in the 10
th clock cycle. This is
illustrated
in
the
diagrams
below
and
is
preferred.
2.
The bus master issues a NACK in the 9
th clock
cycle and a Start in the 10
th.
3.
The bus master issues a Stop in the 9
th clock
cycle.
4.
The bus master issues a Start in the 9
th clock
cycle.
If the internal address reaches the top of memory, it
will wrap around to 0000h on the next read cycle.
The figures below show the proper operation for
current address reads.
Selective (Random) Read
There is a simple technique that allows a user to
select a random address location as the starting point
for a read operation. This involves using the first
three bytes of a write operation to set the internal
address followed by subsequent read operations.
To perform a selective read, the bus master sends out
the slave address with the LSB set to 0. This specifies
a write operation. According to the write protocol,
the bus master then sends the address bytes that are
loaded into the internal address latch. After the
FM3130 acknowledges the address, the bus master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com