Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM3130-G Datasheet(PDF) 17 Page - Ramtron International Corporation

Part # FM3130-G
Description  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130-G Datasheet(HTML) 17 Page - Ramtron International Corporation

Back Button FM3130-G Datasheet HTML 13Page - Ramtron International Corporation FM3130-G Datasheet HTML 14Page - Ramtron International Corporation FM3130-G Datasheet HTML 15Page - Ramtron International Corporation FM3130-G Datasheet HTML 16Page - Ramtron International Corporation FM3130-G Datasheet HTML 17Page - Ramtron International Corporation FM3130-G Datasheet HTML 18Page - Ramtron International Corporation FM3130-G Datasheet HTML 19Page - Ramtron International Corporation FM3130-G Datasheet HTML 20Page - Ramtron International Corporation FM3130-G Datasheet HTML 21Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
FM3130 Integrated RTC/Alarm with 64Kb FRAM
Rev. 3.2
Sept. 2011
Page 17 of 22
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +5.0V * and
VIN ≤ VDD+1.0V **
VBAK
Backup Supply Voltage
-1.0V to +4.5V
TSTG
Storage Temperature
-55C to + 125C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
4kV
1kV
200V
Package Moisture Sensitivity Level
MSL-1
** The “VIN < VDD+1.0V” restriction does not apply to the SCL, SDA, and ACS pins which do not employ a diode to VDD.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only,
and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Main Power Supply
2.7
-
3.6
V
1
IDD
VDD Supply Current
@ SCL = 100 kHz
@ SCL = 1 MHz
150
500
A
A
2
ISB
Standby Current
Trickle Charger Off (VBC=0)
Trickle Chrg On, Fast Chrg Off (VBC=1, FC=0)
Trickle Chrg On, Fast Chrg On (VBC=1, FC=1)
50
190
2600
A
A
A
3
VBAK
RTC Backup Supply Voltage
2.0
3.0
3.6
V
4
IBAK
RTC Backup Supply Current
1
A
5
IBAKTC
Trickle Charge Current with VBAK=0V
Fast Charge Off (FC = 0)
Fast Charge On (FC = 1)
25
200
120
2500
A
A
6
ILI
Input Leakage Current
1
A
7
ILO
Output Leakage Current
1
A
7
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOL1
Output Low Voltage (IOL = 3 mA)
- Applies to SDA and ACS pin
- VDD > VSW
-
0.4
V
VOL2
Output Low Voltage (IOL = 80 A)
- Applies only to ACS pin
- VBAK applied, VDD < VSW
-
0.4
V
VSW
Battery Switchover Voltage
2.0
2.7
V
Notes
1.
Full complete operation. RTC operates to lower voltages as specified.
2.
SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V. VBC=0. IDD is linear vs frequency.
3.
All inputs at VSS or VDD, static. Stop command issued.
4.
The VBAK trickle charger automatically regulates the maximum voltage on this pin for capacitor backup applications.
5.
VBAK = 3.0V, VDD < VSW, oscillator running.
6.
VBAK will source current when the trickle charger is enabled (VBC=1), VDD > VBAK and VDD > VSW.
7.
VIN or VOUT = VSS to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com