Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 36Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 37Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 38Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 39Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 40Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 43Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
40
Hardware Configuration Register 1 (HCR1)
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
CADDR 3Eh
DBSEL3
DBSEL2
DBSEL1
DBSEL0
1
DDB
1
1
NOTE: HCR1 is programmable only in SFPM, but can be read in UAM using the faddr_data_read Boot ROM routine.
DBSEL3−0 Digital Supply Brownout Level Select. The values listed are nominal. The actual value will vary depending on
device clock frequency and supply voltage. For high clock frequencies, the variation could be on the order of 10%
below the nominal value.
bits 7−4
0000: 4.6V
0001: 4.2V
0010: 3.8V
0011: 3.6V
0100: 3.3V
0101: 3.1V
0110: 2.9V
0111: 2.7V
1000: 2.6V
1001: Reserved
1010: Reserved
1011: Reserved
1100: Reserved
1101: Reserved
1110: Reserved
1111: Reserved
DDB
Disable Digital Brownout Detection.
bit 2
0: Enable Digital Brownout Detection
1: Disable Digital Brownout Detection (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com