Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 42 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 38Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 39Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 40Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 43Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 44Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 45Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
42
Table 7. Special Function Registers
ADDRESS
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RESET VALUE
80h
81h
SP
07h
82h
DPL0
00h
83h
DPH0
00h
84h
DPL1
00h
85h
DPH1
00h
86h
DPS
0
0
0
0
0
0
0
SEL
00h
87h
PCON
SMOD
0
1
1
GF1
GF0
STOP
IDLE
30h
88h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00h
89h
TMOD
−−−−−−−−−−−−−−− Timer 1 −−−−−−−−−−−−−−−
−−−−−−−−−−−−−−− Timer 0 −−−−−−−−−−−−−−−
00h
89h
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00h
8Ah
TL0
00h
8Bh
TL1
00h
8Ch
TH0
00h
8Dh
TH1
00h
8Eh
CKCON
0
0
0
T1M
T0M
MD2
MD1
MD0
01h
8Fh
MWS
0
0
0
0
0
0
0
MXWS
00h
90h
P1
P1.7
INT5
P1.6
INT4
P1.5
INT3
P1.4
INT2/SS
P1.3
DIN
P1.2
DOUT
P1.1
P1.0
PROG
FFh
91h
EXIF
IE5
IE4
IE3
IE2
1
0
0
0
08h
92h
93h
CADDR
00h
94h
CDATA
00h
95h
96h
97h
98h
SCON0
SM0_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
00h
99h
SBUF0
00h
9Ah
SPICON
I2CCON
SBIT3
SBIT3
SBIT2
SBIT2
SBIT1
SBIT1
SBIT0
SBIT0
ORDER
STOP
CPHA
START
ESS
DCS
CPOL
CNTSEL
00h
9Bh
SPIDATA
I2CDATA
00h
9Ch
9Dh
9Eh
9Fh
A0h
A1h
A2h
A3h
A4h
AIPOL
SECIP
SUMIP
ADCIP
MSECIP
I2CIP
CNTIP
ALVDIP
0
00h
A5h
PAI
0
0
0
0
PAI3
PAI2
PAI1
PAI0
00h
A6h
AIE
ESEC
ESUM
EADC
EMSEC
EI2C
ECNT
EALV
0
00h
A7h
AISTAT
SEC
SUM
ADC
MSEC
I2C
CNT
ALVD
0
00h
A8h
IE
EA
0
0
ES0
ET1
EX1
ET0
EX0
00h
A9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com