Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 50 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 46Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 47Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 48Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 49Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 50Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 51Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
50
Timer 0 MSB (TH0)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Ch
TH0.7
TH0.6
TH0.5
TH0.4
TH0.3
TH0.2
TH0.1
TH0.0
00h
TH0.7−0
Timer 0 MSB. This register contains the most significant byte of Timer 0.
bits 7−0
Timer 1 MSB (TH1)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Dh
TH1.7
TH1.6
TH1.5
TH1.4
TH1.3
TH1.2
TH1.1
TH1.0
00h
TH1.7−0
Timer 1 MSB. This register contains the most significant byte of Timer 1.
bits 7−0
Clock Control (CKCON)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Eh
0
0
0
T1M
T0M
MD2
MD1
MD0
01h
T1M
Timer 1 Clock Select. This bit controls the division of the system clock that drives Timer 1. Clearing this bit to 0
bit 4
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 1 uses a divide-by-12 of the crystal frequency.
1: Timer 1 uses a divide-by-4 of the crystal frequency.
T0M
Timer 0 Clock Select. This bit controls the division of the system clock that drives Timer 0. Clearing this bit to 0
bit 3
maintains 8051 compatibility. This bit has no effect on instruction cycle timing.
0: Timer 0 uses a divide-by-12 of the crystal frequency.
1: Timer 0 uses a divide-by-4 of the crystal frequency.
MD2, MD1, MD0
Stretch MOVX Select. These bits select the time by which external MOVX cycles are to be stretched in the
bits 2−0
standard 8051 core. Since the MSC120x does not allow external memory access, these bits should be set to
000b to allow for the fastest Flash Data Memory access.
Memory Write Select (MWS)
7
6
5
4
3
2
1
0
Reset Value
SFR 8Fh
0
0
0
0
0
0
0
MXWS
00h
MXWS
MOVX Write Select. This allows writing to the internal Flash Program Memory.
bit 0
0: No writes are allowed to the internal Flash Program Memory.
1: Writing is allowed to the internal Flash Program Memory, unless PML or RSL (HCR0, CADDR 3Fh) are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com