Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 66 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 62Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 63Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 64Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 65Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 66Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 67Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 68Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
66
Program Status Word (PSW)
7
6
5
4
3
2
1
0
Reset Value
SFR D0h
CY
AC
F0
RS1
RS0
OV
F1
P
00h
CY
Carry Flag. This bit is set when the last arithmetic operation resulted in a carry (during addition) or a borrow (during
bit 7
subtraction). Otherwise, it is cleared to ‘0’ by all arithmetic operations.
AC
Auxiliary Carry Flag. This bit is set to ‘1’ if the last arithmetic operation resulted in a carry into (during addition), or
bit 6
a borrow (during subtraction) from the high order nibble. Otherwise, it is cleared to ‘0’ by all arithmetic operations.
F0
User Flag 0. This is a bit-addressable, general-purpose flag for software control.
bit 5
RS1, RS0
Register Bank Select 1−0. These bits select which register bank is addressed during register accesses.
bits 4−3
RS1
RS0
REGISTER BANK
ADDRESS
0
0
0
00h − 07h
0
1
1
08h − 0Fh
1
0
2
10h − 17h
1
1
3
18h − 1Fh
OV
Overflow Flag. This bit is set to ‘1’ if the last arithmetic operation resulted in a carry (addition), borrow (subtraction),
bit 2
or overflow (multiply or divide). Otherwise, it is cleared to ‘0’ by all arithmetic operations.
F1
User Flag 1. This is a bit-addressable, general-purpose flag for software control.
bit 1
P
Parity Flag. This bit is set to ‘1’ if the modulo-2 sum of the 8 bits of the accumulator is 1 (odd parity), and cleared to
bit 0
‘0’ on even parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com