Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032D Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC32MX120F032D Datasheet HTML 40Page - Microchip Technology PIC32MX120F032D Datasheet HTML 41Page - Microchip Technology PIC32MX120F032D Datasheet HTML 42Page - Microchip Technology PIC32MX120F032D Datasheet HTML 43Page - Microchip Technology PIC32MX120F032D Datasheet HTML 44Page - Microchip Technology PIC32MX120F032D Datasheet HTML 45Page - Microchip Technology PIC32MX120F032D Datasheet HTML 46Page - Microchip Technology PIC32MX120F032D Datasheet HTML 47Page - Microchip Technology PIC32MX120F032D Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 320 page
background image
1110
IPC8
31:16
—
—
—
PMPIP<2:0>
PMPIS<1:0>
—
—
—
CNIP<2:0>
CNIS<1:0>
0000
15:0
—
—
—
I2C1IP<2:0>
I2C1IS<1:0>
—
—
—
U1IP<2:0>
U1IS<1:0>
0000
1120
IPC9
31:16
—
—
—
CTMUIP<2:0>
CTMUIS<1:0>
—
—
—
I2C2IP<2:0>
I2C2IS<1:0>
0000
15:0
—
—
—
U2IP<2:0>
U2IS<1:0>
—
—
—
SPI2IP<2:0>
SPI2IS<1:0>
0000
1130
IPC10
31:16
—
—
—
DMA3IP<2:0>
DMA3IS<1:0>
—
—
—
DMA2IP<2:0>
DMA2IS<1:0>
0000
15:0
—
—
—
DMA1IP<2:0>
DMA1IS<1:0>
—
—
—
DMA0IP<2:0>
DMA0IS<1:0>
0000
TABLE 4-2:
INTERRUPT REGISTER MAP(1) (CONTINUED)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
With the exception of those noted, all registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4 0x8 and 0xC, respectively. See Section 11.2 “CLR,
SET and INV Registers” for more information.
2:
These bits are not available on PIC32MX1XX devices.
3:
This register does not have associated CLR, SET, INV registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com