Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032D Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC32MX120F032D Datasheet HTML 64Page - Microchip Technology PIC32MX120F032D Datasheet HTML 65Page - Microchip Technology PIC32MX120F032D Datasheet HTML 66Page - Microchip Technology PIC32MX120F032D Datasheet HTML 67Page - Microchip Technology PIC32MX120F032D Datasheet HTML 68Page - Microchip Technology PIC32MX120F032D Datasheet HTML 69Page - Microchip Technology PIC32MX120F032D Datasheet HTML 70Page - Microchip Technology PIC32MX120F032D Datasheet HTML 71Page - Microchip Technology PIC32MX120F032D Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 320 page
background image
TABLE 4-24:
PARALLEL MASTER PORT REGISTER MAP(1)
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
7000
PMCON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
SIDL
ADRMUX<1:0>
PMPTTL PTWREN PTRDEN
CSF<1:0>
ALP
—CS1P
—
WRSP
RDSP
0000
7010 PMMODE
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
BUSY
IRQM<1:0>
INCM<1:0>
—
MODE<1:0>
WAITB<1:0>
WAITM<3:0>
WAITE<1:0>
0000
7020 PMADDR
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
CS1
—
—
—
ADDR<10:0>
0000
7030 PMDOUT
31:16
DATAOUT<31:0>
0000
15:0
0000
7040
PMDIN
31:16
DATAIN<31:0>
0000
15:0
0000
7050
PMAEN
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
PTEN14
—
—
—
PTEN<10:0>
0000
7060 PMSTAT
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
008F
Legend:
x = unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively. See Section 11.2 “CLR, SET and INV Registers” for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com