Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MX120F032D Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC32MX120F032D Datasheet HTML 85Page - Microchip Technology PIC32MX120F032D Datasheet HTML 86Page - Microchip Technology PIC32MX120F032D Datasheet HTML 87Page - Microchip Technology PIC32MX120F032D Datasheet HTML 88Page - Microchip Technology PIC32MX120F032D Datasheet HTML 89Page - Microchip Technology PIC32MX120F032D Datasheet HTML 90Page - Microchip Technology PIC32MX120F032D Datasheet HTML 91Page - Microchip Technology PIC32MX120F032D Datasheet HTML 92Page - Microchip Technology PIC32MX120F032D Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 320 page
background image
© 2011-2012 Microchip Technology Inc.
Preliminary
DS61168D-page 89
PIC32MX1XX/2XX
U1E – UART1 Fault
39
32
IFS1<7>
IEC1<7>
IPC8<4:2>
IPC8<1:0>
Yes
U1RX – UART1 Receive Done
40
32
IFS1<8>
IEC1<8>
IPC8<4:2>
IPC8<1:0>
Yes
U1TX – UART1 Transfer Done
41
32
IFS1<9>
IEC1<9>
IPC8<4:2>
IPC8<1:0>
Yes
I2C1B – I2C1 Bus Collision Event
42
33
IFS1<10> IEC1<10> IPC8<12:10>
IPC8<9:8>
Yes
I2C1S – I2C1 Slave Event
43
33
IFS1<11> IEC1<11> IPC8<12:10>
IPC8<9:8>
Yes
I2C1M – I2C1 Master Event
44
33
IFS1<12> IEC1<12> IPC8<12:10>
IPC8<9:8>
Yes
CNA – PORTA Input Change
Interrupt
45
34
IFS1<13> IEC1<13> IPC8<20:18>
IPC8<17:16>
Yes
CNB – PORTB Input Change
Interrupt
46
34
IFS1<14> IEC1<14> IPC8<20:18>
IPC8<17:16>
Yes
CNC – PORTC Input Change
Interrupt
47
34
IFS1<15> IEC1<15> IPC8<20:18>
IPC8<17:16>
Yes
PMP – Parallel Master Port
48
35
IFS1<16> IEC1<16> IPC8<28:26>
IPC8<25:24>
Yes
PMPE – Parallel Master Port Error
49
35
IFS1<17> IEC1<17> IPC8<28:26>
IPC8<25:24>
Yes
SPI2E – SPI2 Fault
50
36
IFS1<18> IEC1<18>
IPC9<4:2>
IPC9<1:0>
Yes
SPI2RX – SPI2 Receive Done
51
36
IFS1<19> IEC1<19>
IPC9<4:2>
IPC9<1:0>
Yes
SPI2TX – SPI2 Transfer Done
52
36
IFS1<20> IEC1<20>
IPC9<4:2>
IPC9<1:0>
Yes
U2E – UART2 Error
53
37
IFS1<21> IEC1<21> IPC9<12:10>
IPC9<9:8>
Yes
U2RX – UART2 Receiver
54
37
IFS1<22> IEC1<22> IPC9<12:10>
IPC9<9:8>
Yes
U2TX – UART2 Transmitter
55
37
IFS1<23> IEC1<23> IPC9<12:10>
IPC9<9:8>
Yes
I2C2B – I2C2 Bus Collision Event
56
38
IFS1<24> IEC1<24> IPC9<20:18>
IPC9<17:16>
Yes
I2C2S – I2C2 Slave Event
57
38
IFS1<25> IEC1<25> IPC9<20:18>
IPC9<17:16>
Yes
I2C2M – I2C2 Master Event
58
38
IFS1<26> IEC1<26> IPC9<20:18>
IPC9<17:16>
Yes
CTMU – CTMU Event
59
39
IFS1<27> IEC1<27> IPC9<28:26>
IPC9<25:24>
Yes
DMA0 – DMA Channel 0
60
40
IFS1<28> IEC1<28>
IPC10<4:2>
IPC10<1:0>
No
DMA1 – DMA Channel 1
61
41
IFS1<29> IEC1<29> IPC10<12:10>
IPC10<9:8>
No
DMA2 – DMA Channel 2
62
42
IFS1<30> IEC1<30> IPC10<20:18> IPC10<17:16>
No
DMA3 – DMA Channel 3
63
43
IFS1<31> IEC1<31> IPC10<28:26> IPC10<25:24>
No
Lowest Natural Order Priority
TABLE 7-1:
INTERRUPT IRQ, VECTOR AND BIT LOCATION (CONTINUED)
Interrupt Source(1)
IRQ
#
Vector
#
Interrupt Bit Location
Persistent
Interrupt
Flag
Enable
Priority
Sub-priority
Note 1: Not all interrupt sources are available on all devices. See TABLE 1: “PIC32MX1XX General Purpose
Family Features” and TABLE 2: “PIC32MX2XX USB Family Features” for the lists of available
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com