Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24256ASAS0I Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1EX24256ASAS0I
Description  Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256ASAS0I Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1EX24256ASAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 9Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 10Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
R1EX24256AxxS0I
AC Characteristics (Ta = −40 to +85°C, V
CC = 1.8 to 5.5 V)
Test Conditions
•
Input pules levels:
 V
IL = 0.2 × VCC
 V
IH = 0.8 × VCC
•
Input rise and fall time:
≤ 20 ns
•
Input and output timing reference levels: 0.5
× V
CC
•
Output load: TTL Gate + 100 pF
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Clock frequency
f
SCL
400
kHz
Clock pulse width low
t
LOW
1200
ns
Clock pulse width high
t
HIGH
600
ns
Noise suppression time
t
I
50
ns
1
Access time
t
AA
100
900
ns
Bus free time for next mode
t
BUF
1200
ns
Start hold time
t
HD.STA
600
ns
Start setup time
t
SU.STA
600
ns
Data in hold time
t
HD.DAT
0
ns
Data in setup time
t
SU.DAT
100
ns
Input rise time
t
R
300
ns
1
Input fall time
t
F
300
ns
1
Stop setup time
t
SU.STO
600
ns
Data out hold time
t
DH
50
ns
Write protect hold time
t
HD.WP
1200
ns
Write protect setup time
t
SU.WP
0
ns
Write cycle time
t
WC
5
ms
2
Notes: 1. Not 100% tested.
2. t
WC is the time from a stop condition to the end of internally controlled write cycle.
REJ03C0327-0100 Rev.1.00 Oct. 26, 2009
Page 5 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com