Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24256ASAS0I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1EX24256ASAS0I
Description  Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256ASAS0I Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1EX24256ASAS0I Datasheet HTML 1Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 2Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 3Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 4Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 5Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 6Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 7Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 8Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
R1EX24256ASAS0I
R1EX24256ATBS0I
Two-wire serial interface
256k EEPROM (32-kword × 8-bit)
REJ03C0327-0100
Rev.1.00
Oct. 26, 2009
Description
R1EX24xxx series are two-wire serial interface EEPROM (Electrically Erasable and Programmable
ROM). They realize high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. They
also have a 64-byte page programming function to make their write operation faster.
.
Features
•
Single supply: 1.8 V to 5.5 V
•
Two-wire serial interface (I
2C serial bus)
•
Clock frequency: 400 kHz
•
Power dissipation:
 Standby: 2 µA (max)
 Active (Read): 1 mA (max)
 Active (Write): 5 mA (max)
•
Automatic page write: 64-byte/page
•
Write cycle time: 5 ms
•
Endurance:
1,000kCycles @25
°C
•
Data retention: 100 Years @25
°C
REJ03C0327-0100
Rev.1.00
Oct. 26, 2009
Page 1 of
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com