Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24256ASAS0I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R1EX24256ASAS0I
Description  Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256ASAS0I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R1EX24256ASAS0I Datasheet HTML 9Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 10Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 11Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 12Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 13Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 14Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 15Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 16Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
R1EX24256AxxS0I
Device Addressing
The EEPROM device requires an 8-bit device address word following a start condition to enable the chip
for a read or a write operation. The device address word consists of 4-bit device code, 3-bit device
address code and 1-bit read/write(R/W) code. The most significant 4-bit of the device address word are
used to distinguish device type and this EEPROM uses “1010” fixed code. The device address word is
followed by the 3-bit device address code in the order of A2, A1, A0. The device address code selects one
device out of all devices which are connected to the bus. This means that the device is selected if the
inputted 3-bit device address code is equal to the corresponding hard-wired A2-A0 pin status. The
eighth bit of the device address word is the read/write(R/W) bit. A write operation is initiated if this bit is
low and a read operation is initiated if this bit is high. Upon a compare of the device address word, the
EEPROM enters the read or write operation after outputting the zero as an acknowledge. The EEPROM
turns to a stand-by state if the device code is not “1010” or device address code doesn’t coincide with
status of the correspond hard-wired device address pins A0 to A2.
Device Address Word
Device address word (8-bit)
Device code (fixed)
Device address code
R/W code*
1
256k
1
0
1
0
A2
A1
A0
R/W
Note:
1. R/W=“1” is read and R/W = “0” is write.
REJ03C0327-0100 Rev.1.00 Oct. 26, 2009
Page 11 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com