Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1EX24256ASAS0I Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R1EX24256ASAS0I
Description  Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24256ASAS0I Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R1EX24256ASAS0I Datasheet HTML 17Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 18Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 19Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 20Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 21Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 22Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 23Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 24Page - Renesas Technology Corp R1EX24256ASAS0I Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
R1EX24256AxxS0I
Sequential Read:
Sequential reads are initiated by either a current address read or a random read. If the EEPROM receives
acknowledgment “0” after 8-bit read data, the read address is incremented and the next 8-bit read data are
coming out. This operation can be continued as long as the EEPROM receives acknowledgment “0”.
The address will roll over and returns address zero if it reaches the last address of the last page. The
sequential read can be continued after roll over. The sequential read is terminated if the EEPROM
receives acknowledgment “1” (no acknowledgment) and a following stop condition.
Sequential Read Operation
Device
address
Read data (n+m)
Read data (n)
Read data (n+1) Read data (n+2)
256k
10 10
R
Stop
Start
ACK
ACK
No ACK
ACK
R/W
ACK
REJ03C0327-0100 Rev.1.00 Oct. 26, 2009
Page 19 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com