Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDJ8232B5MB Datasheet(PDF) 7 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 3Page - Elpida Memory EDJ8232B5MB Datasheet HTML 4Page - Elpida Memory EDJ8232B5MB Datasheet HTML 5Page - Elpida Memory EDJ8232B5MB Datasheet HTML 6Page - Elpida Memory EDJ8232B5MB Datasheet HTML 7Page - Elpida Memory EDJ8232B5MB Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB Datasheet HTML 9Page - Elpida Memory EDJ8232B5MB Datasheet HTML 10Page - Elpida Memory EDJ8232B5MB Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
7
The two same chips are sealed in this product. Therefore, the specification in the following pages are for the one
chip, the 4-Gbits DDR3 SDRAM except output slew rate, IDD, tRFC and pin capacitance.
Electrical Conditions
 All voltages are referenced to VSS (GND)
 Execute power-up and Initialization sequence before proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Power supply voltage
VDD
0.4 to +1.975
V
1, 3
Power supply voltage for output
VDDQ
0.4 to +1.975
V
1, 3
Input voltage
VIN
0.4 to +1.975
V
1
Output voltage
VOUT
0.4 to +1.975
V
1
Reference voltage
VREFCA
0.4 to 0.6  VDD
V
3
Reference voltage for DQ
VREFDQ
0.4 to 0.6  VDDQ
V
3
Storage temperature
Tstg
55 to +100
C
1, 2
Power dissipation
PD
1.0
W
1
Short circuit output current
IOUT
50
mA
1
Notes: 1. Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to
the device.
This is a stress rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage temperature is the case surface temperature on the center/top side of the DRAM.
3. VDD and VDDQ must be within 300mV of each other at all times; and VREF must be no greater than
0.6
VDDQ, When VDD and VDDQ are less than 500mV; VREF may be equal to or less than 300mV.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage.
The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification.
Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Operating Temperature Condition
Parameter
Symbol
Rating
Unit
Notes
Operating case temperature
TC
0 to +95
C
1, 2, 3
Notes: 1. Operating temperature is the case surface temperature on the center/top side of the DRAM.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be
supported. During operation, the DRAM case temperature must be maintained between 0°C to +85°C
under all operating conditions.
3. Some applications require operation of the DRAM in the Extended Temperature Range between +85°C
and +95°C case temperature. Full specifications are guaranteed in this range, but the following additional
conditions apply:
a)
Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to
3.9
μs. (This double refresh requirement may not apply for some devices.)
b)
If Self-refresh operation is required in the Extended Temperature Range, then it is mandatory to
either use the Manual Self-Refresh mode with Extended Temperature Range capability (MR2 bit
[A6, A7] = [0, 1]) or enable the optional Auto Self-Refresh mode (MR2 bit [A6, A7] = [1, 0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com