Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDJ8232B5MB Datasheet(PDF) 12 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 12 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 8Page - Elpida Memory EDJ8232B5MB Datasheet HTML 9Page - Elpida Memory EDJ8232B5MB Datasheet HTML 10Page - Elpida Memory EDJ8232B5MB Datasheet HTML 11Page - Elpida Memory EDJ8232B5MB Datasheet HTML 12Page - Elpida Memory EDJ8232B5MB Datasheet HTML 13Page - Elpida Memory EDJ8232B5MB Datasheet HTML 14Page - Elpida Memory EDJ8232B5MB Datasheet HTML 15Page - Elpida Memory EDJ8232B5MB Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
12
[Derating Values of tIS/tIH AC/DC based AC175 Threshold (DDR3-1600, 1333)]
ΔtIS, ΔtIH derating in [ps] AC/DC based
AC175 Threshold -> VIH(AC)=VREF(DC)+175mV, VIL(AC)=VREF(DC)-175mV
CK, /CK differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH Unit
2.0
+88
+50
+88
+50
+88
+50
+96
+58
+104 +66
+112 +74
+120 +84
+128 +100 ps
1.5
+59
+34
+59
+34
+59
+34
+67
+42
+75
+50
+83
+58
+91
+68
+99
+84
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
+24
+24
+32
+34
+40
+50
ps
0.9
2
4
2
4
2
4
+6
+4
+14
+12
+22
+20
+30
+30
+38
+46
ps
0.8
6
10
6
10
6
10
+2
2
+10
+6
+18
+14
+26
+24
+34
+40
ps
0.7
11
16
11
16
11
16
3
8
+5
0
+13
+8
+21
+18
+29
+34
ps
0.6
17
26
17
26
17
26
9
18
1
10
+7
2
+15
+8
+23
+24
ps
0.5
35
40
35
40
35
40
27
32
19
24
11
16
2
6
+5
+10
ps
CMD,
ADD
slew
rate
(V/ns)
0.4
62
60
62
60
62
60
54
52
46
44
38
36
30
26
22
10
ps
[Derating Values of tIS/tIH AC/DC based-Alternate AC150 Threshold (DDR3-1600, 1333)]
ΔtIS, ΔtIH derating in [ps] AC/DC based
Alternate AC150 Threshold -> VIH(AC)=VREF(DC)+150mV, VIL(AC)=VREF(DC)-150mV
CK, /CK differential slew rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH tIS
tIH Unit
2.0
+75
+50
+75
+50
+75
+50
+83
+58
+91
+66
+99
+74
+107 +84
+115 +100 ps
1.5
+50
+34
+50
+34
+50
+34
+58
+42
+66
+50
+74
+58
+82
+68
+90
+84
ps
1.0
0
0
0
0
0
0
+8
+8
+16
+16
+24
+24
+32
+34
+40
+50
ps
0.9
0
4
0
4
0
4
+8
+4
+16
+12
+24
+20
+32
+30
+40
+46
ps
0.8
0
10
0
10
0
10
+8
2
+16
+6
+24
+14
+32
+24
+40
+40
ps
0.7
0
16
0
16
0
16
+8
8
+16
0
+24
+8
+32
+18
+40
+34
ps
0.6
1
26
1
26
1
26
+7
18
+15
10
+23
2
+31
+8
+39
+24
ps
0.5
10
40
10
40
10
40
2
32
+6
24
+14
16
+22
6
+30
+10
ps
CMD,
ADD
slew
rate
(V/ns)
0.4
25
60
25
60
25
60
17
52
9
44
1
36
+7
26
+15
10
ps
[Required time tVAC above VIH(AC) {below VIL(AC)} for Valid Transition]
tVAC @ AC175 [ps]
tVAC @ AC150 [ps]
Slew rate (V/ns)
min.
max.
min.
max.
2.0
75
175
2.0
57
170
1.5
50
167
1.0
38
163
0.9
34
162
0.8
29
161
0.7
22
159
0.6
13
155
0.5
0
150
0.5
0
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com