Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDJ8232B5MB Datasheet(PDF) 19 Page - Elpida Memory

Part # EDJ8232B5MB
Description  8G bits DDR3 SDRAM, DDP
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDJ8232B5MB Datasheet(HTML) 19 Page - Elpida Memory

Back Button EDJ8232B5MB Datasheet HTML 15Page - Elpida Memory EDJ8232B5MB Datasheet HTML 16Page - Elpida Memory EDJ8232B5MB Datasheet HTML 17Page - Elpida Memory EDJ8232B5MB Datasheet HTML 18Page - Elpida Memory EDJ8232B5MB Datasheet HTML 19Page - Elpida Memory EDJ8232B5MB Datasheet HTML 20Page - Elpida Memory EDJ8232B5MB Datasheet HTML 21Page - Elpida Memory EDJ8232B5MB Datasheet HTML 22Page - Elpida Memory EDJ8232B5MB Datasheet HTML 23Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
EDJ8232B5MB
Data Sheet E1825E30 (Ver. 3.0)
19
[Single-ended levels for CK, DQS, /CK, /DQS]
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Single-ended high level for strobes
(VDD/2)
 0.175
*3
V
1, 2
Single-ended high level for CK, /CK
VSEH
(VDD/2)
 0.175
*3
V
1, 2
Single-ended low level for strobes
*3
(VDD/2)
 0.175
V
1, 2
Single-ended low level for CK, /CK
VSEL
*3
(VDD/2)
 0.175
V
1, 2
Notes: 1. For CK, /CK use VIH/VIL(AC) of ADD/CMD; for strobes (DQS, /DQS) use VIH/VIL(AC) of DQs.
2. VIH(AC)/VIL(AC) for DQs is based on VREFDQ; VIH(AC)/VIL(AC) for address/command is based on
VREFCA; if a reduced ac-high or ac-low level is used for a signal group, then the reduced level applies
also here.
3. These values are not defined, however the single ended components of differential signals CK, /CK, DQS,
/DQS need to be within the respective limits (VIH(DC) max, VIL(DC)min) for single-ended signals as well
as the limitations for overshoot and undershoot. Refer to Overshoot and Undershoot specifications.
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each
cross point voltage of differential input signals (CK, /CK and DQS, /DQS) must meet the requirements in table below.
The differential input cross point voltage VIX is measured from the actual cross point of true and complement signal
to the midlevel between of VDD and VSS.
VIX
VIX
VIX
CK, DQS
VDD
VDD/2
/CK, /DQS
VSS
VSEH
VSEL
VIX Definition
[Cross point voltage for differential input signals (CK, DQS)]
Parameter
Symbol
pins
min.
max.
Unit
Note
Differential input cross point voltage
relative to VDD/2
VIX
CK, /CK
150
150
mV
2
175
175
mV
1
VIX
DQS, /DQS
150
150
mV
2
Notes: 1. Extended range for VIX is only allowed for clock and if CK and /CK are monotonic, have a single-ended
swing VSEL/VSEH of at least VDD/2 +/-250 mV, and the differential slew rate of CK - /CK is larger than 3
V/ ns. Refer to the table of Single-ended levels for CK, DQS, /CK, /DQS for VSEL and VSEH standard
values.
2. The relation between VIX min./max. and VSEL/VSEH should satisfy following.
(VDD/2) + VIX (min.)
 VSEL ≥ 25mV
VSEH
 ((VDD/2) + VIX (max.)) ≥ 25mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com