Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC667201MMG1 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 48Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 49Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 50Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 51Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 52Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 53Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 54Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 55Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
52
Freescale Semiconductor
Pinout and signal description
BOOTCFG[0:1]
SIU – Configuration
Two BOOTCFG signals are implemented in MPC5642A
MCUs.
The BAM program uses the BOOTCFG0 bit to determine
where to read the reset configuration word, and whether to
initiate a FlexCAN or eSCI boot.
The BOOTCFG1 pin is sampled during the assertion of the
RSTOUT signal, and the value is used to update the RSR and
the BAM boot mode.
See reference manual section “Reset Configuration Half Word
(RCHW)” for details on the RCHW. The table “Boot Modes” in
reference manual section “BAM Program Operation” defines
the boot modes specified by the BOOTCFG1 pin.
The following values are for BOOTCFG[0:1}:
00: Boot from internal flash memory
01: FlexCAN/eSCI boot
10: Boot from external memory using calibration bus
11: Reserved
Note: For the 176-pin QFP and 208-ball BGA packages
BOOTCFG[0] is always 0 since the EBI interface is not
available.
WKPCFG
SIU – Configuration
The WKPCFG pin is applied at the assertion of the internal
reset signal (assertion of RSTOUT), and is sampled four clock
cycles before the negation of the RSTOUT pin.
The value is used to configure whether the eTPU and eMIOS
pins are connected to internal weak pull up or weak pull down
devices after reset. The value latched on the WKPCFG pin at
reset is stored in the Reset Status Register (RSR), and is
updated for all reset sources except the Debug Port Reset and
Software External Reset.
0: Weak pulldown applied to eTPU and eMIOS pins at reset
1: Weak pullup applied to eTPU and eMIOS pins at reset
ETRIG[2:3]
SIU – eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
GPIO[206] ETRIG0
(Input)
SIU – eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
GPIO[207] ETRIG1
(Input)
SIU – eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
IRQ[0:5]
IRQ[7:15]
SIU – External Interrupts
The IRQ[0:15] pins connect to the SIU IRQ inputs. IMUX
Select Register 1 is used to select the IRQ[0:15] pins as inputs
to the IRQs.
See reference manual section “External IRQ Input Select
Register (SIU_EIISR)” for more information.
NMI
SIU – External Interrupts
Non-Maskable Interrupt
Table 5. Signal details (continued)
Signal
Module or function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com