Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC667201MMG1 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # SC667201MMG1
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC667201MMG1 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button SC667201MMG1 Datasheet HTML 86Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 87Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 88Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 89Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 90Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 91Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 92Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 93Page - Freescale Semiconductor, Inc SC667201MMG1 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
90
Freescale Semiconductor
Electrical characteristics
Figure 15. JTAG boundary scan timing
3.17.3
Nexus timing
Table 38. Nexus debug port timing1
#
Symbol
C
Characteristic
Value
Unit
Min Max
1tMCYC
CC D MCKO Cycle Time
22,3
8tCYC
1a
tMCYC
CC D Absolute Minimum MCKO Cycle Time
254
—ns
2tMDC
CC D MCKO Duty Cycle
40
60
%
3tMDOV
CC D MCKO Low to MDO Data Valid5
0.1 0.35 t
MCYC
4tMSEOV CC D MCKO Low to MSEO Data Valid
5
0.1 0.35 t
MCYC
6tEVTOV CC D MCKO Low to EVTO Data Valid
5
0.1 0.35 t
MCYC
7tEVTIPW CC D EVTI Pulse Width
4.0
—
tTCYC
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com